PART |
Description |
Maker |
LTC6242HGN LTC6242HGNTRPBF LTC6242HVHGN LTC6242HVH |
Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amp
|
Linear Technology
|
LTC6242HVHGN LTC6242HGN |
Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C QUAD OP-AMP, 400 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
KBPC1506F KBPC1506FW KBPC1502F KBPC1502FW KBPC1501 |
Dual Low-Noise Rail-To-Rail Operational Amplifier 8-PDIP 0 to 70 硅桥式整流器 Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 硅桥式整流器 Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125 Silicon-Bridge Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
LT6203IS8 LT6203IMS8 LT6202CS5 |
Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps DUAL OP-AMP, 7500 uV OFFSET-MAX, 90 MHz BAND WIDTH, PDSO8 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 7300 uV OFFSET-MAX, 95 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
LT1806 LT1806CS8 LT1806IS8 1806I |
325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp OP-AMP, 900 uV OFFSET-MAX, 290 MHz BAND WIDTH, PDSO8 325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion Low Noise Precision Op Amp From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AD7580SE/883B AD7579SE/883B |
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Analog-to-Digital Converter10-Bit 模拟到数字转换器0
|
Analog Devices, Inc.
|
AD8229HRZ AD8229HRZ-R7 AD8044AR-14-REEL |
1 nV/Hz Low Noise 210C Instrumentation Amplifier Quad 150 MHz Rail-to-Rail Amplifier
|
Analog Devices
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
APX393SG-13 APX393M8G-13 APX339 APX339TSG-13 APX39 |
Low Voltage Rail-to-Rail Input Dual/Quad Comparators QUAD COMPARATOR, 7000 uV OFFSET-MAX, 700 ns RESPONSE TIME, PDSO14 GREEN, TSSOP-14
|
Diodes, Inc. Diodes Incorporated
|